| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L162VC Datasheet(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162VC Datasheet(HTML) 60 Page - STMicroelectronics |
|
60 / 123 page ![]() Electrical characteristics STM32L162VC, STM32L162RC 60/123 DocID022881 Rev 10 Table 22. Current consumption in Low-power sleep mode Symbol Parameter Conditions Typ Max(1) Unit IDD (LP Sleep) Supply current in Low-power sleep mode All peripherals OFF, VDD from 1.65 V to 3.6 V MSI clock, 65 kHz fHCLK = 32 kHz Flash OFF TA = -40 °C to 25 °C 4.4 - µA MSI clock, 65 kHz fHCLK = 32 kHz Flash ON TA = -40 °C to 25 °C 14 16 TA = 85 °C 19 23 TA = 105 °C 27 33 MSI clock, 65 kHz fHCLK = 65 kHz, Flash ON TA = -40 °C to 25 °C 15 17 TA = 85 °C 20 23 TA = 105 °C 28 33 MSI clock, 131 kHz fHCLK = 131 kHz, Flash ON TA = -40 °C to 25 °C 17 19 TA = 55 °C 18 21 TA = 85 °C 22 25 TA = 105 °C 30 35 TIM9 and USART1 enabled, Flash ON, VDD from 1.65 V to 3.6 V MSI clock, 65 kHz fHCLK = 32 kHz TA = -40 °C to 25 °C 14 16 TA = 85 °C 19 22 TA = 105 °C 27 32 MSI clock, 65 kHz fHCLK = 65 kHz TA = -40 °C to 25 °C 15 17 TA = 85 °C 20 23 TA = 105 °C 28 33 MSI clock, 131 kHz fHCLK = 131 kHz TA = -40 °C to 25 °C 17 19 TA = 55 °C 18 21 TA = 85 °C 22 25 TA = 105 °C 30 36 IDD max (LP Sleep) Max allowed current in Low-power sleep mode VDD from 1.65 V to 3.6 V -- - 200 1. Guaranteed by characterization results, unless otherwise specified. |