Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS15L45CB Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STPS15L45CB
Descripción Electrónicos  Low drop power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L45CB Datasheet(HTML) 1 Page - STMicroelectronics

  STPS15L45CB Datasheet HTML 1Page - STMicroelectronics STPS15L45CB Datasheet HTML 2Page - STMicroelectronics STPS15L45CB Datasheet HTML 3Page - STMicroelectronics STPS15L45CB Datasheet HTML 4Page - STMicroelectronics STPS15L45CB Datasheet HTML 5Page - STMicroelectronics STPS15L45CB Datasheet HTML 6Page - STMicroelectronics STPS15L45CB Datasheet HTML 7Page - STMicroelectronics STPS15L45CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
December 2015
DocID8564 Rev 4
1/8
STPS15L45C
Low drop power Schottky rectifier
Datasheet
- production data
Features
 Very small conduction losses
 Negligible switching losses
 Extremely fast switching
 Low forward voltage drop
 Low capacitance
 Avalanche specification
 ECOPACK®2 compliant component for DPAK
on demand
Description
Dual center tab Schottky rectifier suited for
switched mode power supply and high frequency
DC to DC converters.
Packaged in DPAK, this device is intended for use
in low voltage, high frequency inverters, free-
wheeling and polarity protection applications.
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 7.5 A
VRRM
45 V
Tj
150 °C
VF (typ)
0.40 V
www.st.com


Número de pieza similar - STPS15L45CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS15L45CB STMICROELECTRONICS-STPS15L45CB Datasheet
66Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
July 2003
logo
Inchange Semiconductor ...
STPS15L45CB ISC-STPS15L45CB Datasheet
273Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS15L45CB-TR STMICROELECTRONICS-STPS15L45CB-TR Datasheet
66Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
July 2003
STPS15L45CBY-TR STMICROELECTRONICS-STPS15L45CBY-TR Datasheet
218Kb / 8P
Automotive low drop power Schottky rectifier
07-Jul-2015
STPS15L45CBY-TR STMICROELECTRONICS-STPS15L45CBY-TR Datasheet
211Kb / 10P
Automotive 45 V low drop power Schottky rectifier
29-Nov-2018
More results

Descripción similar - STPS15L45CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com