Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP2985AIBL-1.8 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LP2985AIBL-1.8
Descripción Electrónicos  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985AIBL-1.8 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP2985AIBL-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 12Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 13Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 14Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 15Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 16Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
5-Lead Small Outline Package (M5)
NS Package Number MF05A
For Order Numbers, refer to Table 1 in the “Ordering Information” section of this document.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com