Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP2985AIBL-1.8 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LP2985AIBL-1.8
Descripción Electrónicos  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985AIBL-1.8 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2985AIBL-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2985AIBL-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Basic Application Circuit
10129502
*ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used.
**Minimum capacitance is shown to ensure stability (may be increased without limit). Ceramic capacitor required for output (see Application Hints).
***Reduces output noise (may be omitted if application is not noise critical). Use ceramic or film type with very low leakage current (see Application Hints).
Connection Diagrams
5-Lead Small Outline Package (M5)
micro SMD, 5 Bump Package (BPA05 & BLA05)
10129503
Top View
See NS Package Number MF05A
For ordering information see Table 1
10129523
Note: The actual physical placement of the package marking will vary from
part to part. Package marking contains date code and lot traceability
information, and will vary considerably. Package marking does not correlate
to device type.
Top View
See NS Package Number BPA05 & BLA05
Pin Descrption
Name
Pin Number
Function
SOT-23
micro SMD
V
IN
1
C3
Input Voltage
GND
2
A1
Common Ground (device substrate)
ON/OFF
3
A3
Logic high enable input
BYPASS
4
B2
Bypass capacitor for low noise operation
V
OUT
5
C1
Regulated output voltage
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com