Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH4853 Datasheet(PDF) 2 Page - OSRAM GmbH

No. de pieza SFH4853
Descripción Electrónicos  Infrared Emitter (850 nm)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4853 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4853 Datasheet HTML 1Page - OSRAM GmbH SFH4853 Datasheet HTML 2Page - OSRAM GmbH SFH4853 Datasheet HTML 3Page - OSRAM GmbH SFH4853 Datasheet HTML 4Page - OSRAM GmbH SFH4853 Datasheet HTML 5Page - OSRAM GmbH SFH4853 Datasheet HTML 6Page - OSRAM GmbH SFH4853 Datasheet HTML 7Page - OSRAM GmbH SFH4853 Datasheet HTML 8Page - OSRAM GmbH SFH4853 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2015-05-08
2
Version 1.1
SFH 4853
Ordering Information
Bestellinformation
Maximum Ratings (T
A = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
I
F= 100 mA, tp= 20 ms
I
e [mW/sr]
SFH 4853
25 (≥ 10)
Q65111A6129
Note:
Measured at a solid angle of Ω = 0.01 sr
Anm.:
Gemessen bei einem Raumwinkel Ω = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Reverse voltage
Sperrspannung
VR
5
V
Forward current
Durchlassstrom
I
F
100
mA
Surge current
Stoßstrom
(tp ≤ 200 µs, D = 0)
I
FSM
1
A
Total power dissipation
Verlustleistung
Ptot
200
mW
Thermal resistance junction - ambient
Wärmewiderstand Sperrschicht - Umgebung
RthJA
500
K / W
Thermal resistance junction - case
Wärmewiderstand Sperrschicht - Gehäuse
R
thJC
350
K / W
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com