| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IPS5451 Datasheet(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IPS5451 Datasheet(HTML) 6 Page - International Rectifier |
|
6 / 12 page ![]() IPS5451/IPS5451S 6 WWW.IRF.COM Figure 4 - Switching times definition (turn-off) Figure 6 - Icc (mA) Vs Vcc (V) Figure 5 - Active clamp test circuit Vin Vout 90% 10% Td off Tf dV/dt off Rem : V load is negative during demagnetization 14 V IN 5 v 0 v + - Vout Iout Vin L R Gnd Dg Vcc Out 1,00E-06 1,00E-05 1,00E-04 1,00E-03 1,00E-02 0 5 10 15 20 25 30 35 Vin = 5 V Vin = 0 V (sleep mode) Figure 3 - Switching times definition (turn-on) Turn on energy with a resistive or an inductive load Vin Vout Vcc - 5V 90% Vcc 10% Td on Tr 1 Tr 2 dV/dt on Iout1 Iout2 Eon2 Resistive load Inductive load Eon1 E1(t) E2 (t) |