| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACTF4065 Datasheet(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF4065 Datasheet(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 6 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com 1 The ACTF4065(455-465 465) ZTQEQ15650 DCC6 is a low-loss, compact, and economical surface- acoustic-wave (SAW) filter in a surface-mount ceramic DCC6 case with 465.0 MHz centre frequency. 1. Package Dimension (DCC6) 2. Marking Laser Marking 3. Maximum Ratings Rating Value Unit Operable Temperature Range TA -30 to +80 °C Storage Temperature Range Tstg -40 to +85 °C DC Voltage (between each Terminal) VDC 0V RF Power (in BW) P 100 mW ESD Voltage (HB) V 150 V Pin Configuration 2 Input 5 Output 1, 3, 4, 6 Ground Unit: mm Issue : 1 C1 Date : 02/09/05 |
Número de pieza similar - ACTF4065 |
|
Descripción similar - ACTF4065 |