Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACTF4065 Datasheet(PDF) 5 Page - Advanced Crystal Technology

No. de pieza ACTF4065
Descripción Electrónicos  SAW filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACT [Advanced Crystal Technology]
Página de inicio  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4065 Datasheet(HTML) 5 Page - Advanced Crystal Technology

  ACTF4065 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4065 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4065 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4065 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4065 Datasheet HTML 5Page - Advanced Crystal Technology ACTF4065 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5
7.
Environmental Characteristics
Test item
Condition of test
Requirements
1
Mechanical
shock
(a) Drop: 3 times on concrete floor
(b) Height: 1.0m
2
Vibration
resistance
(a) Frequency of vibration: 10~55Hz (b) Amplitude: 1.5mm
(c) Directions: X,Y and Z
(d) Duration: 2 hours
3
Moisture
resistance
(a) Condition: 40
°C, 90~95% R.H.
(b) Duration: 96 hours
(c) Wait 4 hours before measurement
4
Climatic
sequence
(a) +70
°C for 16 hours
(b) +55
°C for 24 hours, 90~95% R.H.
(c) -25
°C for 2 hours
(d) +40
°C for 24 hours, 90~95% R.H.
(e) Wait 4 hours before measurement
5
High
Temperature
Exposure
(a) Temperature: 70
°C
(b) Duration: 250 hours
(c) Wait 4 hours before measurement
6
Thermal impact
(a) +70
°C for 30 minutes ⇒ -25°C for 30 minutes repeated 3 times
(b) Wait 4 hours before measurement
The SAW filter
shall remain within
the electrical
specifications
after tests.
8. Remarks
8-1 Static voltage
Static voltage between signal load & ground may cause deterioration & destruction of the SAW filter.
Please avoid static voltage.
8-2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the SAW filter. Please avoid ultrasonic
cleaning.
8-3 Soldering
Only terminals of the SAW filter may be soldered. Please avoid soldering other parts of the SAW filter.
Issue : 1 C1
Date : 02/09/05



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com