Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCD404889 Datasheet(PDF) 21 Page - Renesas Technology Corp

No. de pieza HCD404889
Descripción Electrónicos  Low-Voltage AS Microcomputers with On-Chip LCD Circuit
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCD404889 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HCD404889 Datasheet HTML 17Page - Renesas Technology Corp HCD404889 Datasheet HTML 18Page - Renesas Technology Corp HCD404889 Datasheet HTML 19Page - Renesas Technology Corp HCD404889 Datasheet HTML 20Page - Renesas Technology Corp HCD404889 Datasheet HTML 21Page - Renesas Technology Corp HCD404889 Datasheet HTML 22Page - Renesas Technology Corp HCD404889 Datasheet HTML 23Page - Renesas Technology Corp HCD404889 Datasheet HTML 24Page - Renesas Technology Corp HCD404889 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 202 page
background image
HD404889/HD404899/HD404878/HD404868 Series
19
Block DiagramG
INT0
INT1
TOB
EVNB
TOC
EVND
SCK
SI/SO
AVcc
AN0
AN1
AN2
AN3
AN4
AN5
AVss
SEG1
to
SEG32
COM1
to
COM4
V0
V1
V2
V3
BUZZ
HMCS400 CPU
HD404889/HD404899 Series
ROM
RAM
P-MOS large-
current buffer
N-MOS large-
current buffer
External interrupt
control circuit
8-bit timer A
8-bit timer B
8-bit timer C
8-bit timer D
Synchronous
serial interface
A/D converter
8-bit
× 6 channels
(HD404889 Series)
10-bit
× 6 channels
(HD404899 Series)
LCD circuit
32-segment
× 4 common
Buzzer output circuit
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
R00
R01
R02
R03
R10
R11
R12
R13
R20
R21
R22
R23
R30
R31
R32
R33
R40
R41
R42
R43
R50
R51
R52
R53
R60
R61
R62
R63
R70
R71
R72
R73
R80
R81
: Data bus
: Signal line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com