Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCD404889 Datasheet(PDF) 42 Page - Renesas Technology Corp

No. de pieza HCD404889
Descripción Electrónicos  Low-Voltage AS Microcomputers with On-Chip LCD Circuit
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCD404889 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button HCD404889 Datasheet HTML 38Page - Renesas Technology Corp HCD404889 Datasheet HTML 39Page - Renesas Technology Corp HCD404889 Datasheet HTML 40Page - Renesas Technology Corp HCD404889 Datasheet HTML 41Page - Renesas Technology Corp HCD404889 Datasheet HTML 42Page - Renesas Technology Corp HCD404889 Datasheet HTML 43Page - Renesas Technology Corp HCD404889 Datasheet HTML 44Page - Renesas Technology Corp HCD404889 Datasheet HTML 45Page - Renesas Technology Corp HCD404889 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 202 page
background image
HD404889/HD404899/HD404878/HD404868 Series
40
Table 1 (2) Initial Values after MCU Reset
Item
Abbr.
After Stop Mode Clearance by
WU
0 to
WU
3 Input
After Other MCU Reset
Carry flag
(CA)
Retain value immediately prior to
Value immediately prior to MCU reset is not
Accumulator
(A)
entering stop mode
guaranteed. Must be initialized by program.
B register
(B)
W register
(W)
X/SPX register (X/SPX)
Y/SPY register (Y/SPY)
RAM
Interrupts
There are a total of nine interrupt sources, comprising wakeup input (
WU
0 to WU3), external interrupts
(
INT
0, INT1), timer/counter (timer A, timer B, timer C, timer D) interrupts, a serial interface interrupt, and
an A/D converter interrupt.
Each interrupt source is provided with an interrupt request flag, interrupt mask, and vector address, used for
storing and controlling interrupt requests. In addition, an interrupt enable flag is provided to control
interrupts as a whole.
Of the interrupt sources, timers B and D share the same vector address, and the A/D converter and serial
interface also share the same vector address. Software must therefore determine which of the interrupt
sources is requesting an interrupt at the start of interrupt handling.
Interrupt control bits and interrupt handling:
The interrupt control bits are mapped onto RAM addresses $000 to $003 and $022 to $023, and can be
accessed by RAM bit manipulation instructions. However, the interrupt request flags (IF) cannot be set by
software. When the MCU is reset, the interrupt enable flag (IE) and interrupt request flags (IF) are
initialized to 0, and the interrupt masks (IM) are initialized to 1.
Figure 9 shows a block diagram of the interrupt control circuit, table 2 shows interrupt priorities and vector
addresses, and table 3 lists the conditions for executing interrupt handling for each of the nine kinds of
interrupt source. When the interrupt request flag is set to 1 and the interrupt mask is cleared to 0, an
interrupt is requested. If the interrupt enable flag is set to 1 at this time, interrupt handling is started. The
vector address corresponding to the interrupt source is generated by the priority control circuit.
The interrupt handling sequence is shown in figure 10, and the interrupt handling flowchart in figure 11.
When an interrupt is accepted, execution of the previous instruction is completed in the first cycle. In the
second cycle, the interrupt enable flag (IE) is reset. In the second and third cycles, the contents of the carry
flag, status flag, and program counter are saved on the stack. In the third cycle, a jump is made to the
vector address and instruction execution is resumed from that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com