Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L041C4 Datasheet(PDF) 42 Page - STMicroelectronics

No. de pieza STM32L041C4
Descripción Electrónicos  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041C4 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32L041C4 Datasheet HTML 38Page - STMicroelectronics STM32L041C4 Datasheet HTML 39Page - STMicroelectronics STM32L041C4 Datasheet HTML 40Page - STMicroelectronics STM32L041C4 Datasheet HTML 41Page - STMicroelectronics STM32L041C4 Datasheet HTML 42Page - STMicroelectronics STM32L041C4 Datasheet HTML 43Page - STMicroelectronics STM32L041C4 Datasheet HTML 44Page - STMicroelectronics STM32L041C4 Datasheet HTML 45Page - STMicroelectronics STM32L041C4 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 119 page
background image
Pin descriptions
STM32L041x4/6
42/119
DocID027301 Rev 4
--
-
-
-
-
35
VSS
S
-
-
-
-
-D1
-
-
-
-
36
VDD
S
-
-
-
-
20
A2
22
22
24
24
37
PA14
I/O
FT
-
SWCLK,
LPTIM1_OUT,
I2C1_SMBA,
USART2_TX,
LPUART1_TX
-
-
-
23
23
25
25
38
PA15
I/O
FT
-
SPI1_NSS,
TIM2_ETR,
EVENTOUT,
USART2_RX,
TIM2_CH1
--
-
B2
24
24
26
26
39
PB3
I/O
FT
-
SPI1_SCK,
TIM2_CH2,
EVENTOUT
COMP2_INN
-
-
-
25
27
27
40
PB4
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TIM22_CH1
COMP2_INP
-
-
-
26
28
28
41
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM22_CH2
COMP2_INP
-
A3
25
27
29
29
42
PB6
I/O
FTf
-
USART2_TX,
I2C1_SCL,
LPTIM1_ETR,
TIM21_CH1
COMP2_INP
-
A4
26
28
30
30
43
PB7
I/O
FTf
-
USART2_RX,
I2C1_SDA,
LPTIM1_IN2
COMP2_INP,
VREF_PVD_IN
Table 15. Pin definitions (continued)
Pin number
Pin name
(function
after reset)
Pin
type
Note
Alternate
functions
Additional functions