Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L041C4 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STM32L041C4
Descripción Electrónicos  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041C4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32L041C4 Datasheet HTML 5Page - STMicroelectronics STM32L041C4 Datasheet HTML 6Page - STMicroelectronics STM32L041C4 Datasheet HTML 7Page - STMicroelectronics STM32L041C4 Datasheet HTML 8Page - STMicroelectronics STM32L041C4 Datasheet HTML 9Page - STMicroelectronics STM32L041C4 Datasheet HTML 10Page - STMicroelectronics STM32L041C4 Datasheet HTML 11Page - STMicroelectronics STM32L041C4 Datasheet HTML 12Page - STMicroelectronics STM32L041C4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
DocID027301 Rev 4
9/119
STM32L041x4/6
Introduction
33
1
Introduction
The ultra-low-power STM32L041x4/6 family includes devices in 5 different package types
from 20 to 48 pins. The description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the ultra-low-power STM32L041x4/6 microcontrollers suitable for a
wide range of applications:
•
Gas/water meters and industrial sensors
•
Healthcare and fitness equipment
•
Remote control and user interface
•
PC peripherals, gaming, GPS equipment
•
Alarm system, wired and wireless sensors, video intercom
This STM32L041x4/6 datasheet should be read in conjunction with the STM32L0x1
reference manual (RM0377).
For information on the ARM® Cortex®-M0+ core please refer to the Cortex®-M0+ Technical
Reference Manual, available from the www.arm.com website.
Figure 1 shows the general block diagram of the device family.