Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L041C4 Datasheet(PDF) 104 Page - STMicroelectronics

No. de pieza STM32L041C4
Descripción Electrónicos  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041C4 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L041C4 Datasheet HTML 100Page - STMicroelectronics STM32L041C4 Datasheet HTML 101Page - STMicroelectronics STM32L041C4 Datasheet HTML 102Page - STMicroelectronics STM32L041C4 Datasheet HTML 103Page - STMicroelectronics STM32L041C4 Datasheet HTML 104Page - STMicroelectronics STM32L041C4 Datasheet HTML 105Page - STMicroelectronics STM32L041C4 Datasheet HTML 106Page - STMicroelectronics STM32L041C4 Datasheet HTML 107Page - STMicroelectronics STM32L041C4 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 119 page
background image
Package information
STM32L041x4/6
104/119
DocID027301 Rev 4
Figure 41. UFQFPN32 recommended footprint
1. Dimensions are expressed in millimeters.
UFQFPN32 device marking
The following figure gives an example of topside marking versus pin 1 position identifier
location.
Other optional marking or inset/upset marks, which depends assembly location, are not
indicated below.
Figure 42. Example of UFQFPN32 marking (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.