Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTR4171P Datasheet(PDF) 1 Page - ZP Semiconductor

No. de pieza NTR4171P
Descripción Electrónicos  Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZPSEMI [ZP Semiconductor]
Página de inicio  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

NTR4171P Datasheet(HTML) 1 Page - ZP Semiconductor

  NTR4171P Datasheet HTML 1Page - ZP Semiconductor NTR4171P Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power MOSFET
−30 V, −3.5 A, Single P−Channel, SOT−23
Features
Low RDS(on) at Low Gate Voltage
Low Threshold Voltage
High Power and Current Handling Capability
This is a Pb−Free Device
Applications
Load Switch
Optimized for Battery and Load Management Applications in
Portable Equipment like Cell Phones, PDA’s, Media Players, etc.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−30
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−2.2
A
TA = 85°C
−1.5
t ≤ 5 s
TA = 25°C
−3.5
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
0.48
W
t ≤ 5 s
1.25
Pulsed Drain Current
tp =10 ms
IDM
−15.0
A
Operating Junction and Storage Temperature
TJ,
Tstg
−55 to
150
°C
Source Current (Body Diode)
IS
−1.0
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient − Steady State (Note 1)
RqJA
260
°C/W
Junction−to−Ambient − t ≤ 10 s (Note 1)
RqJA
100
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces)
G
S
D
Device
Package
Shipping
ORDERING INFORMATION
−30 V
110 mW @ −4.5 V
75 mW @ −10 V
RDS(on) MAX
−2.2 A
ID MAX
V(BR)DSS
SOT−23
CASE 318
STYLE 21
MARKING DIAGRAM/
PIN ASSIGNMENT
2
3
1
3
Drain
1
Gate
2
Source
P−CHANNEL MOSFET
NTR4171PT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
150 mW @ −2.5 V
TRFMG
G
TRF
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
−1.8 A
−1.0 A
NTR4171PT3G
SOT−23
(Pb−Free)
10000/Tape & Reel
NTR4171P
1 of 2
sales@zpsemi.com
www.zpsemi.com


Número de pieza similar - NTR4171P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4171P ONSEMI-NTR4171P Datasheet
141Kb / 6P
Power MOSFET
October, 2016 ??Rev. 2
NTR4171PT1G ONSEMI-NTR4171PT1G Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4171PT1G ONSEMI-NTR4171PT1G Datasheet
141Kb / 6P
Power MOSFET
October, 2016 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTR4171PT1G VBSEMI-NTR4171PT1G Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Descripción similar - NTR4171P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com