Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MQME-28E-T6 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

No. de pieza MQME-28E-T6
Descripción Electrónicos  Input over-voltage shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNQOR [SynQor Worldwide Headquarters]
Página de inicio  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E-T6 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  MQME-28E-T6 Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Product # MQME-28E-T6
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006011 Rev. C
05/27/16
Page 4
Current: 20A
MQME-28E-T6
Technical Specification
MQME-28E-T6 ELECTRICAL CHARACTERISTICS
Parameter
Min. Typ. Max. Units Notes & Conditions
Group A
Specifications subject to change without notice
Vin=28V DC ±5%, Pout=320W, unless otherwise specified
Subgroup3
INPUT VOLTAGE SURGE SUPPRESSION
Output Voltage Deviation due to a Surge
Input Surge Voltage and Duration
60 V, 550 ms, Rs* = 0 Ω
60
V
Output not clamped, within continuous operation
80 V, 100 ms, Rs* = 0 Ω
70
78
V
MIL-HDBK-704A; RTCA/DO-160E
100 V, 80 ms, Rs* = 0 Ω
70
78
V
MIL-STD-1275B/D; DEF-STAN 61-5
110 V, 5 ms, Rs* = 0 Ω
70
78
V
DEF-STAN 61-5
202 V, 350 ms, Rs* = 0 Ω
0
78
V
MIL-STD-1275B/D; DEF-STAN 61-5 (Part 6)/6, see Note 5
ISOLATION CHARACTERISTICS
Input Voltage (any pin to case)
Continuous
-500
500
V
1
Transient (≤ 100 µs)
-800
800
V
Isolation Resistance (any pin to case)
100
1
FEATURE CHARACTERISTICS
Enable Input
Off-State Voltage
-0.5
0.8
V
1
Off-State Voltage Pulldown Current
80
µA
Current drain required to ensure logic low
On-State Voltage
2.0
50
V
1
On-State Pine Leakage Current
20
µA
Imax drawn from pin allowed, module on
Pull-Up Voltage
3.2
4
4.5
V
See Figure A
1
Enable Output
Off-State Resistance
17
Ω
1
Off-State Voltage
-100
mV
On-State Voltage
2
35
V
On-State Leakage Current
20
µA
1
Standby Input
Normal-State Voltage
0
3.5
V
Standby-State Voltage
4
5
V
Pull-Up Voltage
5
V
Pull-Up Resistance
50
Under Voltage Lockout
Turn-On Input Voltage Threshold
15.0
15.5
16.0
V
1
Turn-Off Output Voltage Threshold
2.0
3.0
4.0
V
1
Output Power Limit (continuous)
450
W
1
RELIABILITY CHARACTERISTICS
Calculated MTBF (MIL-STD-217F2)
GB @ Tcase = 70ºC
14.8
106 Hrs.
AIF @ Tcase = 70ºC
0.69
106 Hrs.
WEIGHT CHARACTERISTICS
Device Weight
79
g
Electrical Characteristics Notes
1. While the filter will survive these input voltage limits, the filter’s output voltage will be outside the limits for an MQFL converter input voltage range.
2. Verified by qualification testing and analysis.
3. Only the ES and HB grade products are tested at three temperatures. The C grade products are tested at one temperature. Please refer to the
Construction and Environmental Stress Screening Options table for details.
4. Soft start is engaged only when the output voltage starts from zero or dips below the Turn-Off Output Voltage Threshold (4V max).
5. Module will shut down per Figure E.
6. Shutdown and Restart if the input voltage goes below the UVLO value or above 84V.
7. The specified operating case temperature for ES grade products is -45°C to 100°C. The specified operating case temperature for C grade products is
0°C to 70°C.
* Rs = Source Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com