Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MQME-28E-T6 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

No. de pieza MQME-28E-T6
Descripción Electrónicos  Input over-voltage shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNQOR [SynQor Worldwide Headquarters]
Página de inicio  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28E-T6 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  MQME-28E-T6 Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28E-T6 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Product # MQME-28E-T6
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006011 Rev. C
05/27/16
Page 3
Current: 20A
MQME-28E-T6
Technical Specification
MQME-28E-T6 ELECTRICAL CHARACTERISTICS
Parameter
Min.
Typ.
Max. Units Notes & Conditions
Group A
Specifications subject to change without notice
Vin=28V DC ±5%, Pout=320W, unless otherwise specified
Subgroup3
ABSOLUTE MAXIMUM RATINGS
Input Voltage
See Note 1
Continuous
-70
100
V
Transient (≤ 1 s)
-70
210
V
Isolation Voltage (input/output to case)
Continuous
-500
500
V
Transient (≤ 1 s)
-1000
1000
V
Output Current
25
A
Operating Case Temperature
-55
125
°C
HB Grade Products, See Note 7
Storage Case Temperature
-65
135
°C
Lead Temperature (20 s)
300
°C
Voltage at ENA IN, ENA OUT
-0.5
50
V
Voltage at STDBY
0.0
5.0
V
ELECTRICAL CHARACTERISTICS
Input Voltage
See INPUT OVER VOLTAGE SHUTDOWN Application Section
Continuous
-40
70
V
See Note 6
1, 2, 3
Transient (1 s, Rs* = 0 Ω)
-50
80
V
See Note 6
Transient (≤ 100 ms, Rs* = 0 Ω)
-50
100
V
See Note 6
4
Transient (≤ 1 s, Rs* = 0 Ω)
-50
210
V
See Note 6
Zero Load Input Current
9.5
mA
Standby Mode Input Current
4.0
mA
Output Voltage (continuous)
Vout = Vin - (Iin x Rdc) - Vsr
V
1, 2, 3
Output Current (continuous)
20
A
1, 2, 3
Output Power (continuous)
320
W
1, 2, 3
DC Resistance Rdc
Tcase = 25°C
45
1
Tcase = 125°C
60
3
Synchronous Rectifier Drop (Vsr)
40
mV
Power Dissipation (20A output current)
Vin = 16V
Tcase = 25°C
18
W
1
Tcase = 125°C
24
W
3
Maximum Output Capacitance
1
mF
Soft-Start Circuitry
Output current During Soft-Start
1.6
A
See Note 4
1, 2, 3
Soft-Start Duration Period
110
ms
Soft-Start Recycle Period
600
ms
Anti-Parallel Diode
Forward Current
Continuous
2
A
1, 2, 3
Transient (≤ 8 ms)
50
A
Forward Voltage (@ 1 A)
0.6
1.00
V
1, 2, 3
Total Differential-Mode Capacitance
78
µF
Measured across input and output pins
Total Common-Mode Capacitance
0.27
µF
Measured between any pin to case
Bulk Capacitor
65
µF
Damping Resistor
0.2
Ω
Noise Attenuation
See Figure 1
INPUT VOLTAGE SPIKE SUPPRESSION
Output Voltage Deviation due to a Spike
See Note 2
Input Voltage Spike (Centered on Vin)
±250 V, 100 µs, Emax = 15 mJ
-10
16
ΔV
MIL-STD-1275B/D
±200 V, 10 µs, Rs* ≤ 0.5 Ω
-10
16
ΔV
MIL-STD-461C (CS06); DEF-STAN 61-5
±400 V, 5 µs, Rs* ≤ 0.5 Ω
-10
16
ΔV
MIL-STD-461C (CS06)
±600 V, 10 µs, Rs* ≤ 0.5 Ω
-10
16
ΔV
RTCA/DO-160E
* Rs = Source Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com