Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RN2483 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza RN2483
Descripción Electrónicos  Low-Power Long Range LoRa짰 Technology Transceiver Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 3 Page - Microchip Technology

  RN2483_15 Datasheet HTML 1Page - Microchip Technology RN2483_15 Datasheet HTML 2Page - Microchip Technology RN2483_15 Datasheet HTML 3Page - Microchip Technology RN2483_15 Datasheet HTML 4Page - Microchip Technology RN2483_15 Datasheet HTML 5Page - Microchip Technology RN2483_15 Datasheet HTML 6Page - Microchip Technology RN2483_15 Datasheet HTML 7Page - Microchip Technology RN2483_15 Datasheet HTML 8Page - Microchip Technology RN2483_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2015 Microchip Technology Inc.
DS50002346B-page 3
RN2483
1.0
DEVICE OVERVIEW
The RN2483 transceiver module features LoRa
Technology RF modulation, which provides long range
spread spectrum communication with high interference
immunity.
Using
LoRa Technology
modulation
technique,
RN2483 can achieve a receiver sensitivity of -146 dBm.
The high sensitivity combined with the integrated
+14 dBm power amplifier yields industry leading link
budget, which makes it optimal for applications
requiring extended range and robustness.
FIGURE 1-1:
RN2483 TOP VIEW
LoRa Technology modulation also provides significant
advantages in both blocking and selectivity compared to
the conventional modulation techniques, solving the
traditional design compromise between extended range,
interference immunity, and low-power consumption.
The RN2483 module delivers exceptional phase noise,
selectivity, receiver linearity, and IIP3 for significantly
lower power consumption. Figure 1-1, Figure 1-2, and
Figure 1-3 show the top view, the pinout, and the block
diagram of the module.
FIGURE 1-2:
RN2483 PIN DIAGRAM
FIGURE 1-3:
RN2483 BLOCK DIAGRAM
1
GND
2
UART_RTS
3
UART_CTS
4
RESERVED
5
RESERVED
6
UART_TX
7
UART_RX
8
GND
GND
9
GPIO13
10
GPIO12
11
GND
20
GND
12
VDD
13
GPIO11
14
GPIO10
15
NC
16
NC
17
NC
18
NC
19
NC
40
39
38
37
36
35
34
33
32
31
30
29
28 GND
VDD
GND
47
46
45
44
43
42
41
GND
NC
TEST0
TEST1
RESET
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
GPIO8
GPIO9
NC
RN2483 Module
Host MCU
UART
MCU
Command Processor
14 GPIO Pins
I2C
LoRaWAN™ Protocol Stack
Real-Time
Clock
EUI-64
EEPROM
User Hardware:
Status LEDs, Switches, Logic IOs, etc.
32768 Hz
Crystal
Antenna
433 MHz
Antenna
868 MHz
SPI
LoRa
® Technology
Radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20