| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP9903T-2E/RW Datasheet(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9903T-2E/RW Datasheet(HTML) 36 Page - Microchip Technology |
|
36 / 50 page ![]() MCP9902/3/4 DS20005382C-page 36 2015-2016 Microchip Technology Inc. The Therm Limit Status Register contains the status bits that are set when a temperature channel Therm Limit is exceeded. If any of these bits are set, the THERM status bit in the Status register is set. Reading from the Therm Limit Status register will not clear the status bits. Once the temperature drops below the Therm Limit minus the Therm Hysteresis, the corre- sponding status bits will be automatically cleared. The THERM bit in the Status register will be cleared when all individual channel THERM bits are cleared. REGISTER 5-26: THRM LIM STS – HIGH LIMIT STATUS REGISTER (ADDRESS 37H) U-0 U-0 U-0 U-0 RC-0 RC-0 RC-0 RC-0 — — — — E3THERM E2THERM E1THERM ITHERM bit 7 bit 0 Legend: RC = Read-then-clear bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-4 Unimplemented : Read as ‘0’ 3 E3THERM : This bit is set when the External Diode 3 channel exceeds its programmed Therm Limit. When set, this bit will assert the THERM pin. 1 = THERM pin asserted 0 = THERM pin not asserted 2 E2THERM : This bit is set when the External Diode 2 channel exceeds its programmed Therm Limit. When set, this bit will assert the THERM pin. 1 = THERM pin asserted 0 = THERM pin not asserted 1 E1THERM : This bit is set when the External Diode 1 channel exceeds its programmed Therm Limit. When set, this bit will assert the THERM pin. 1 = THERM pin asserted 0 = THERM pin not asserted 0 ITHERM : This bit is set when the Internal Diode channel exceeds its programmed Therm Limit. When set, this bit will assert the THERM pin. 1 = THERM pin asserted 0 = THERM pin not asserted REGISTER 5-27: FLTR SEL: FILTER SELECTION REGISTER (ADDRESS 40H) U-0 U-0 U-0 U-0 U-0 U-0 RC-0 RC-0 — — — — — —FLTER<1:0> bit 7 bit 0 Legend: RC = Read-then-clear bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-2 Unimplemented : Read as ‘0’ 1-0 FILTER : Control the level of digital filtering that is applied to the External Diode temperature measure- ment as shown in Table 4-6 |