Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP9903T-2E/RW Datasheet(PDF) 21 Page - Microchip Technology

No. de pieza MCP9903T-2E/RW
Descripción Electrónicos  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 17Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 18Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 19Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 20Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 21Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 22Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 23Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 24Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
31h
EXT3 IDEALITY FACTOR
—
—
IDEL35
IDEL34
IDEL23
IDEL32
IDEL31
IDEL30
12h
(1.008)
35h
HI LIMIT STATUS
—
—
—
—
E3HIGH
E2HIGH
E1HIGH
IHIGH
00h
36h
LO LIMIT STATUS
—
—
—
—
E3LOW
E2LOW
E1LOW
ILOW
00h
37h
THRM LIMIT STATUS
—
—
—
—
E3THM
E2THM
E1THM
ITHM
00h
40h
FLTR SEL
—
—
—
—
—
—
FLTER1
FLTER0
00h
FDh
PRODUCT ID
(DECODER)
0
0
1
0
0
EXT2_APD_EN
0
EXT2_EN
20h
MCP9903
21h
MCP9904
25h
FEh
MANUFACTURER ID
5Dh
FFh
REVISION
00h
TABLE 5-7:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Por Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50