Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSN0675K Datasheet(PDF) 6 Page - MORE Semiconductor Company Limited

No. de pieza MSN0675K
Descripción Electrónicos  60V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORESEMI [MORE Semiconductor Company Limited]
Página de inicio  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN0675K Datasheet(HTML) 6 Page - MORE Semiconductor Company Limited

  MSN0675K Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN0675K Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN0675K Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN0675K Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN0675K Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN0675K Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TO-220-3L Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
4.400
4.600
0.173
0.181
A1
2.250
2.550
0.089
0.100
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.330
0.650
0.013
0.026
c1
1.200
1.400
0.047
0.055
D
9.910
10.250
0.390
0.404
E
8.9500
9.750
0.352
0.384
E1
12.650
12.950
0.498
0.510
e
2.540 TYP.
0.100 TYP.
e1
4.980
5.180
0.196
0.204
F
2.650
2.950
0.104
0.116
H
7.900
8.100
0.311
0.319
h
0.000
0.300
0.000
0.012
L
12.900
13.400
0.508
0.528
L1
2.850
3.250
0.112
0.128
V
7.500 REF.
0.295 REF.
Φ
3.400
3.800
0.134
0.150
MORE Semiconductor Company Limited
http://www.moresemi.com
6/6
MSN0675K



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com