| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP2221-I/ST Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2221-I/ST Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 80 page ![]() MCP2221 DS20005292B-page 14 2015 Microchip Technology Inc. REGISTER 1-14: GPSETTING2 REGISTER R/W-0 R/W-0 R/W-0 R/W-1 R/W-0 R/W-0 R/W-0 R/W-1 — — — GPIOOUTVAL GPIODIR GPDES2 GPDES1 GPDES0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-5 Reserved: Set to ‘0’ bit 4 GPIOOUTVAL: GPIO Output Value (valid only when GP2 is set for GPIO output operation) 1 = Default output value is logic ‘1’ (factory default) 0 = Default output value is logic ‘0’ bit 3 GPIODIR: GPIO Direction (input or output; valid only when GP2 is set for GPIO operation) 1 = GPIO Input 0 = GPIO Output (factory default) bit 2-0 GPDES<2:0>: GP2 Designation 111 = Reserved 110 = Reserved 101 = Reserved 100 = Reserved 011 = Alternate function 1 (DAC1) 010 = Alternate function 0 (ADC2) 001 = Dedicated function operation (USBCFG) (factory default) 000 = GPIO operation (GPIO2) |