| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP2221-I/ST Datasheet(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2221-I/ST Datasheet(HTML) 28 Page - Microchip Technology |
|
28 / 80 page ![]() MCP2221 DS20005292B-page 28 2015 Microchip Technology Inc. 7 Bit 7 Don’t care Bit 6: Interrupt detection – negative edge If set, the interrupt detection flag will be set when a negative edge occurs. Bit 5: Interrupt detection – positive edge If set, the interrupt detection flag will be set when a positive edge occurs. Bit 4-3: ADC Reference Voltage 11 Reference voltage is 4.096V (only if VDD is above this voltage) 10 Reference voltage is 2.048V 01 Reference voltage is 1.024V 00 Reference voltage is off (this is useful for the case in which the ADC uses other reference than VRM ADC; e.g., VDD) Bit 2 1 DAC reference is VDD DAC voltage 0 DAC reference is VRM Bit 1 Don’t care Bit 0 Don’t care 8 Lower byte of the 16-bit USB VID value 9 Higher byte of the 16-bit USB VID value 10 Lower byte of the 16-bit USB PID value 11 Higher byte of the 16-bit USB PID value 12 USB power attributes(1) This value will be used by the MCP2221’s USB Configuration Descriptor (power attributes value) during the USB enumeration. 13 USB requested number of mA(s)(1) The requested mA value during the USB enumeration will represent the value at this index multiplied by 2. 14-63 Don’t care Note 1: Please consult the USB 2.0 specification for details on the correct values for power and attributes TABLE 3-5: RESPONSE STRUCTURE – READ CHIP SETTINGS SUB-COMMAND (CONTINUED) Byte Index Function Description Value Effect |