Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS570LS0232PZ Datasheet(PDF) 65 Page - Texas Instruments

No. de pieza TMS570LS0232PZ
Descripción Electrónicos  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 61Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 62Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 63Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 64Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 65Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 66Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 67Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 68Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
6.20.4 Debug ROM
The Debug ROM stores the location of the components on the Debug APB bus:
Table 6-30. Debug ROM table
ADDRESS
DESCRIPTION
VALUE
0x000
Pointer to Cortex-R4
0x0000 1003
0x001
Reserved
0x0000 2002
0x002
Reserved
0x0000 3002
0x003
Reserved
0x0000 4002
0x004
End of table
0x0000 0000
Copyright © 2014–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
65
Submit Documentation Feedback
Product Folder Links: TMS570LS0232