Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FTL4C1QL1L Datasheet(PDF) 1 Page - Finisar Corporation.

No. de pieza FTL4C1QL1L
Descripción Electrónicos  40GBASE-LR4 QSFP Optical Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QL1L Datasheet(HTML) 1 Page - Finisar Corporation.

  FTL4C1QL1L Datasheet HTML 1Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 2Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 3Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 4Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 5Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 6Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 7Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 Finisar Corporation October 2015
Rev C1
Page 1
Product Specification
40GBASE-LR4 QSFP+ Optical Transceiver Module
FTL4C1QL1L
9B
PRODUCT FEATURES
 Hot-pluggable QSFP+ form factor
 Supports 41.2 Gb/s aggregate bit
rates
 Power dissipation < 3.5W
 RoHS-6 compliant
 Lite case temperature range 15°C
to 60°C
 Single 3.3V power supply
 Maximum link length of 2km on
Single Mode Fiber (SMF)
 Uncooled 4x10Gb/s CWDM
transmitter
 XLPPI electrical interface
 Duplex LC receptacles
 Built-in digital diagnostic
functions, including Tx/Rx power
monitoring
1
APPLICATIONS
 40GBASE-LR4 40G Ethernet
Finisar’s FTL4C1QE1C QSFP+ transceiver modules are designed for use in 40 Gigabit
Ethernet links over single mode fiber. They are compliant with the QSFP+ MSA
1,2
and
IEEE 802.3ba 40GBASE-LR4
3
. Digital diagnostics functions are available via an I2C
interface, as specified by the QSFP+ MSA. The optical transceiver is compliant per the
RoHS Directive 2011/65/EU
4. See Finisar Application Note AN-2038 for more details5.
3B
PRODUCT SELECTION
16B
FTL4C1QL1L
E:
40GBASE-LR4 compliant optical interface
1:
First generation product
L:
Lite Temperature range and Reach


Número de pieza similar - FTL4C1QL1L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
More results

Descripción similar - FTL4C1QL1L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPLINK Communications I...
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
40GBASE-LR4 CFP Transceiver
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
logo
OPLINK Communications I...
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTLC1151RDPL FINISAR-FTLC1151RDPL Datasheet
632Kb / 7P
10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
10km 100GBASE-LR4 CFP2 Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com