Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FTL4C1QL1L Datasheet(PDF) 6 Page - Finisar Corporation.

No. de pieza FTL4C1QL1L
Descripción Electrónicos  40GBASE-LR4 QSFP Optical Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QL1L Datasheet(HTML) 6 Page - Finisar Corporation.

  FTL4C1QL1L Datasheet HTML 1Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 2Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 3Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 4Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 5Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 6Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 7Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FTL4C1QL1L Product Specification
 Finisar Corporation October 2015
Rev C1
Page 6
U
Notes
U
:
1.
Transmitter consists of 4 lasers operating at 10.3Gb/s each.
2.
Minimum value is informative.
3.
RIN is scaled by 10*log(10/4) to maintain SNR outside of transmitter.
4.
Receiver consists of 4 photodetectors operating at 10.3Gb/s each.
5.
Minimum value is informative, equals min TxOMA with infinite ER and max channel insertion loss.
VI.
12B
Memory Map and Control Registers
Compatible with SFF-8436 (QSFP+). Please see Finisar Application Note AN-2104
6.
VII.
13B
Environmental Specifications
Finisar FTL4C1QE1L transceivers have an operating temperature range from 15°C to
+60°C case temperature.
Environmental Specifications
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
15
60
°C
Storage Temperature
Tsto
-40
85
°C
VIII.
4B
Regulatory Compliance
Finisar FTL4C1Q transceivers are RoHS-6 Compliant. Copies of certificates are available at
Finisar Corporation upon request.
FTL4C1Q transceiver modules are Class 1 laser eye safety compliant per IEC 60825-1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com