Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18532Q5B Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza CSD18532Q5B
Descripción Electrónicos  60V N-Channel NexFET Power MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18532Q5B Datasheet(HTML) 1 Page - Texas Instruments

  CSD18532Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD18532Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 25A
TC = 125ºC Id = 25A
G001
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
Qg - Gate Charge (nC)
ID = 25A
VDS = 30V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD18532Q5B
SLPS322B – NOVEMBER 2012 – REVISED JULY 2014
CSD18532Q5B 60-V N-Channel NexFET™ Power MOSFETs
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-Source Voltage
60
V
Avalanche Rated
Qg
Gate Charge Total (10 V)
44
nC
Qgd
Gate Charge Gate-to-Drain
6.9
nC
Logic Level
VGS = 4.5 V
3.3
m
Pb Free Terminal Plating
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V
2.5
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.8
V
Halogen Free
SON 5-mm × 6-mm Plastic Package
Ordering Information(1)
Device
Qty
Media
Package
Ship
2 Applications
CSD18532Q5B
2500
13-Inch Reel
SON 5 × 6 mm
Tape and
Plastic Package
Reel
DC-DC Conversion
CSD18532Q5BT
250
13-Inch Reel
Secondary Side Synchronous Rectifier
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Isolated Converter Primary Side Switch
Motor Control
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
3 Description
VDS
Drain-to-Source Voltage
60
V
This 2.5 m
Ω, 60 V SON 5 mm × 6 mm NexFET™
VGS
Gate-to-Source Voltage
±20
V
power MOSFET is designed to minimize losses in
Continuous Drain Current (Package limited)
100
power conversion applications.
Continuous Drain Current (Silicon limited),
ID
172
A
TC = 25°C
Top View
Continuous Drain Current(1)
23
IDM
Pulsed Drain Current(2)
400
A
Power Dissipation(1)
3.2
PD
W
Power Dissipation, TC = 25°C
156
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
320
mJ
ID = 80 A, L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 40 °C/W on a 1-inch
2 , 2-oz. Cu pad on a 0.06-
inch thick FR4 PCB.
(2) Max RθJC = 0.8 °C/W, Pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - CSD18532Q5B_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18532Q5B.B TI2-CSD18532Q5B.B Datasheet
970Kb / 12P
CSD18532Q5B 60-V N-Channel NexFET™ Power MOSFETs
REVISED FEBRUARY 2018
CSD18532Q5B.B TI2-CSD18532Q5B.B Datasheet
973Kb / 13P
CSD18532Q5B 60-V N-Channel NexFET™ Power MOSFETs
REVISED FEBRUARY 2018
CSD18532Q5BG4 TI2-CSD18532Q5BG4 Datasheet
973Kb / 13P
CSD18532Q5B 60-V N-Channel NexFET™ Power MOSFETs
REVISED FEBRUARY 2018
CSD18532Q5BG4.B TI2-CSD18532Q5BG4.B Datasheet
970Kb / 12P
CSD18532Q5B 60-V N-Channel NexFET™ Power MOSFETs
REVISED FEBRUARY 2018
CSD18532Q5BG4.B TI2-CSD18532Q5BG4.B Datasheet
973Kb / 13P
CSD18532Q5B 60-V N-Channel NexFET™ Power MOSFETs
REVISED FEBRUARY 2018
More results

Descripción similar - CSD18532Q5B_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
N-Channel NexFET??Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
N-Channel NexFET??Power MOSFETs
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
60V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com