Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RSC5-7 Datasheet(PDF) 70 Page - Lumberg

No. de pieza RSC5-7
Descripción Electrónicos  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMBERG [Lumberg]
Página de inicio  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Datasheet(HTML) 70 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 66Page - Lumberg RSC5-7 Datasheet HTML 67Page - Lumberg RSC5-7 Datasheet HTML 68Page - Lumberg RSC5-7 Datasheet HTML 69Page - Lumberg RSC5-7 Datasheet HTML 70Page - Lumberg RSC5-7 Datasheet HTML 71Page - Lumberg RSC5-7 Datasheet HTML 72Page - Lumberg RSC5-7 Datasheet HTML 73Page - Lumberg RSC5-7 Datasheet HTML 74Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
70
M12-Round Connectors In Accordance with IEC 61076-2-101
M12-Field Attachable Connectors
RSCN
RSCWN
Part No.
RSCN 4/7
RSCN 4/9
RSCN 5/7
RSCN 5/9
RSCN 8/9
Part No.
RSCWN 4/7
RSCWN 4/9
RSCWN 5/7
RSCWN 5/9
RSCWN 8/9
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight, 4- 5-
and 8-Poles, Stainless Steel Hexagon Threaded Joint,
Assembling with Screw Terminals. IP 67 Rated.
Screw Joints for Cables
4/7: Ø 3,0-6,5 mm
4/9: Ø 4,0-8,0 mm
5/7: Ø 3,0-6,5 mm
5/9: Ø 4,0-8,0 mm
8/9: Ø 4,0-8,0 mm
– especially designed for use in Food
Processing equipment –
M12 Field Attachable, Male 90˚
Field Attachable Connector, M12 Male 90
˚, 4- 5- and
8-Poles, Stainless Steel Hexagon Threaded Joint,
Assembling with Screw Terminals. IP 67 Rated.
Screw Joints for Cables
4/7: Ø 3,0-6,5 mm
4/9: Ø 4,0-8,0 mm
5/7: Ø 3,0-6,5 mm
5/9: Ø 4,0-8,0 mm
8/9: Ø 4,0-8,0 mm
– especially designed for use in Food
Processing equipment –
RSC...DUO
RSCN...DUO
M12 Field Attachable, Male Straight DUO
Field Attachable Connector, M12 Male Straight Duo
Connector, 3- and 4-Poles with Threaded Joint,
Assembling with Screw Terminals. IP 67 Rated.
Screw Joints for Cables
4 Poles:
2 x 3 mm / 2 x 5 mm
5 Poles:
2 x 3 mm / 2 x 5 mm
Part No.
RSC 4/DUO
RSC 5/DUO
Part No.
RSCN 4/DUO
RSCN 5/DUO
M12 Field Attachable, Male Straight DUO
Field Attachable Connector, M12 Male Straight Duo
Connector, 3- and 4-Poles Stainless Steel Hexagon
Threaded Joint, Assembling with Screw Terminals. IP
67 Rated.
Screw Joints for Cables
4 Poles:
2 x 3 mm / 2 x 5 mm
5 Poles:
2 x 3 mm / 2 x 5 mm
– especially designed for use in Food
Processing equipment –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com