Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RSC5-7 Datasheet(PDF) 59 Page - Lumberg

No. de pieza RSC5-7
Descripción Electrónicos  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMBERG [Lumberg]
Página de inicio  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Datasheet(HTML) 59 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 55Page - Lumberg RSC5-7 Datasheet HTML 56Page - Lumberg RSC5-7 Datasheet HTML 57Page - Lumberg RSC5-7 Datasheet HTML 58Page - Lumberg RSC5-7 Datasheet HTML 59Page - Lumberg RSC5-7 Datasheet HTML 60Page - Lumberg RSC5-7 Datasheet HTML 61Page - Lumberg RSC5-7 Datasheet HTML 62Page - Lumberg RSC5-7 Datasheet HTML 63Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
59
Receptacle Connector, M12 Male, 3-, 4- and 5-Poles,
For Front Mounting, Solder Connections, Chassis Side
Thread M16 x 1.5 (Panel Nut RSKFM 16).
Receptacle Connector, M12 Male, 4- and 5-Pole for
For Front Mounting, Stainless Steel Housing, Solder
Connections, Solder Contacts Not Potted, Chassis
Side Thread M16 x 1.5 (Panel Nut RSKFM 16).
– especially designed for use in Food
Processing Equipment –
Receptacle Connector, M12 Female, 4-, 5- and 8-Pole
for For Rear Mounting, Solder Pin Contacts, Chassis
Side Thread PG 9 (Panel Nut RSKF 9).
Receptacle Connector, M12 Female, 4-Pole,
D-Coding, For Rear Mounting, Printed Contacts,
Chassis Side Thread PG 9 (Panel Nut RSKF 9).
0986 EFC 152: 4 Poles, D Coding
Receptacle Connector, M12 Female, 5-Pole, B-Coding,
For Front Mounting, Printed Contacts, Chassis Side
Thread PG 9 (Panel Nut RSKF 9).
– especially suitable for Profibus –
RSFM
PRSFM
RKHL.../S 5,5
0986 EFC 152
0976 PFC 152
Part No.
RSFM 3
RSFM 4
RSFM 5
Part No.
PRSFM 4
PRSFM 5
Part No.
RKHL 4/ S 5,5
RKHL 5/ S 5,5
RKHL 5B/S 5,5
RKHL 8/ S 5,5
Part No.
0986 EFC 152
Part No.
0976 PFC 152
Receptacle Connectors In Accordance With IEC 61076-2-101
M12-Receptacles
Receptacles
FWD
Part No.
FWD 5
FWD 5B
Receptacle Connector, Combined FIXCON/M12 5-Pole
Male to Combined FIXCON/M12 Female Connector,
Available in Standard or B Coding, IP 67 Rated.
– especially designed for use as panel
feed through –