Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV70DW Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BAV70DW
Descripción Electrónicos  SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAV70DW Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAV70DW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAV70DW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAV70DW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAV70DW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cj-elec.com
2
Typical Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
0
2040
6080
100
1
10
100
1000
10000
0
25
50
75
100
125
150
0
50
100
150
200
250
04
8
12
16
20
0.6
0.7
0.8
0.9
1.0
1.1
FORWARD VOLTAGE
V
F
(V)
Forward Characteristics
300
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
T
a
=100℃
Reverse Characteristics
AMBIENT TEMPERATURE
T
a
(
)
Power Derating Curve
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
f=1MHz
D,Mar,2016



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com