Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV70DW Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BAV70DW
Descripción Electrónicos  SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAV70DW Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAV70DW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAV70DW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAV70DW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAV70DW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
www.cj-elec.com
1
SOT-363 Plastic-Encapsulate Diodes
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=
2.5μA
75
V
VR=75V
2.5
μA
Reverse current
IR
VR=20V
25
nA
IF=1mA
0.715
IF=10mA
0.855
IF=50mA
1
Forward voltage
VF
IF=150mA
1.25
V
Total capacitance
Ctot
VR=0,f=1MHz
2
pF
Reverse recovery time
trr
IF= IR=10mA, Irr=0.1×IR, RL=100Ω
4
ns
BAV70DW
SWITCHING DIODE
FEATURES
Fast Switching Speed
Ultra-Small Surface Mount Package
For General Purpose Switching Applications
High Conductance
MAKING: KJA
Maximum Ratings @Ta=25
Parameter
Symbol
Limit
Unit
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
100
75
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@t=8 .3ms
IFSM
2
A
Power Dissipation
PD
200
mW
Thermal Resistance From Junction to Ambient
RθJA
625
℃/W
Operating Junction Temperature
TJ
150
Storage Temperature
TSTG
-
55~+150
SOT-363
6
5
4
1
2
3
KJA
KJA
+ + -
- + +
+ + -
- + +
Soliddot = Green molding compound device,
if none,the normal device.
Soliddot = Pin1 indicate.
D,Mar,2016


Número de pieza similar - BAV70DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
62Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 4 - 2
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
355Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 8 - 2
BAV70DW DIODES-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
logo
Pan Jit International I...
BAV70DW PANJIT-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
More results

Descripción similar - BAV70DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com