Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDC-185 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

No. de pieza LDC-185
Descripción Electrónicos  200W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-185 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  LDC-185 Datasheet HTML 1Page - MicroPower Direct, LLC LDC-185 Datasheet HTML 2Page - MicroPower Direct, LLC LDC-185 Datasheet HTML 3Page - MicroPower Direct, LLC LDC-185 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions: A Model
Mechanical Dimensions: B Model (Dimming Function)
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
Black
-LED
Red
+LED
Wire Connections: Output
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
White
-DIM
Blue
+DIM
Black
-LED
Red
+LED
Wire Connections: Output



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com