Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDC-185 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

No. de pieza LDC-185
Descripción Electrónicos  200W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-185 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  LDC-185 Datasheet HTML 1Page - MicroPower Direct, LLC LDC-185 Datasheet HTML 2Page - MicroPower Direct, LLC LDC-185 Datasheet HTML 3Page - MicroPower Direct, LLC LDC-185 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Dimming Mode: B Model
Functional Block Diagram
With the LDC-185 “B” model, the output current level can be adjusted (Dimmed) by three different methods; Resistive, Analog or
Digital. Adjustments are made using the +DIM and -DIM inputs.
Resistive: Connect a 0.1 to 10 k
resistor between the DIM+ (Blue) and DIM- (White) wires
Input Frequency
10 k
20 k
30 k
40 k
50 k
60 k
70 k
80 k
90 k
100 k
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Analog: Apply 1 VDC to 10 VDC level between the DIM+ (Blue) and DIM- (White) wires
Adjust Voltage
1 VDC
2 VDC
3 VDC
4 VDC
5 VDC
6 VDC
7 VDC
8 VDC
9 VDC
10 VDC
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Digital: Apply a PWM signal (100 Hz - 3 kHz) between the DIM+ (Blue) and DIM- (White) wires
Duty Cycle
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Notes:
1
. The -DIM (White) and -LED (Black) wires should not be connected.
2. The Dimming function will not turn the lighting fixture totally off. For more info on how to do this, please contact the factory



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com