Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PRM48JH480X250A02 Datasheet(PDF) 4 Page - Vicor Corporation

No. de pieza PRM48JH480X250A02
Descripción Electrónicos  High Efficiency Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48JH480X250A02 Datasheet(HTML) 4 Page - Vicor Corporation

  PRM48JH480X250A02 Datasheet HTML 1Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 2Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 3Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 4Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 5Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 6Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 7Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 8Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Rev 1.1
vicorpower.com
PRMTM Regulator
Page 4 of 45
09/2015
800 927.9474
Device
Input Voltage
Range
Package Type
Output Voltage x 10
Temperature Grade
Output Power
Revision
Version
PRM
48J
H
480
T
250
A
02
PRM = PRM
48J = 45.0 V - 55.0 V
H = Half VIC
480 = 53.0 V
T = -40 to 125°C
250 = 250 WA
02 = AL / RS
SMD
M = -55 to 125°C
Part Ordering Information
Part Number
VIN
Package Type
VOUT
Temperature
Power
Version
PRM48JH480T250A02
45.0 V - 55.0 V
Half VIC
53.0 V
-40 to 125°C
250 W
AL / RS
PRM48JH480M250A02
SMD
(20.0 V to 55.0 V)
-55 to 125°C
(Pin Selectable)
Standard Models
Parameter
Comments
Min
Max
Unit
SHARE / CONTROL NODE
-0.3
10.5
V
+/-10
mA
ENABLE
-0.3
5.5
V
+/-10
mA
+IN to –IN
Continuous, non-operating
-1
80
V
100 ms, non-Operating
100
V
VAUX
-0.5
10.5
V
+/-100
mA
SGND
+/-100
mA
IFB
-0.5
5.7
V
-0.3
3.6
V
REF / REF _EN
Remote Sense Operation (REF _EN)
10
mA
Adaptive Loop Operation (REF)
3.4
mA
TRIM
-0.3
3.6
V
AL
-0.3
3.6
V
VT
-0.3
4.8
V
VC to –OUT
-0.5
18
V
+/-1.8
A
+OUT to –OUT
-1
62
V
Output Current
7.3
A
Internal Operating
T Grade
-40
125
°C
Temperature
M Grade
-55
125
°C
Storage
T Grade
-40
125
°C
Temperature
M Grade
-65
125
°C
Absolute Maximum Ratings
The ABSOLUTE MAXIMUM ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to device.
Electrical specifications do not apply when operating beyond rated operating conditions. Operating beyond rated operating conditions for extended period of
time may affect device reliability. All voltages are specified relative to SGND unless otherwise noted. Positive pin current represents current flowing
out of the pin.
PRM48JH480x250A02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com