Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PRM48JH480X250A02 Datasheet(PDF) 2 Page - Vicor Corporation

No. de pieza PRM48JH480X250A02
Descripción Electrónicos  High Efficiency Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48JH480X250A02 Datasheet(HTML) 2 Page - Vicor Corporation

  PRM48JH480X250A02 Datasheet HTML 1Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 2Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 3Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 4Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 5Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 6Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 7Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 8Page - Vicor Corporation PRM48JH480X250A02 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Rev 1.1
vicorpower.com
PRMTM Regulator
Page 2 of 45
09/2015
800 927.9474
PRM
ENABLE
TRIM
SHARE/
CONTROL NODE
AL
IFB
VC
VT
VAUX
REF/
REF_EN
+IN
–IN
+OUT
–OUT
SGND
SGND
C
IN
C
OUT
V
OUT
20 V to 55 V
AC (L)
AC (N)
+OUT
–OUT
GND
+
SGND
AC Front End
ISOLATION BOUNDRY
PRIMARY
SECONDARY
PRI_GND
FUSE
MOV
AC
V
IN
HOLDUP CAPACITOR
SEC_GND
R
TRIM
48 VDC
External Current Sense
SGND
Voltage Reference with Soft Start
Voltage Sense and Error Amplifier
(Differential)
VTM Start up Pulse
SGND
IN
OUT
GND
V
REF
V +
VOUT
–IN
+IN
V –
PRM
ENABLE
TRIM
SHARE/
CONTROL NODE
AL
IFB
VC
VT
VAUX
REF/
REF_EN
+IN
–IN
+OUT
–OUT
SGND
SGND
TM
VC
PC
+IN
–IN
–OUT
+OUT
ISOLATION BOUNDRY
VTM
PRIMARY
SECONDARY
C
F
REF 3312
L
F
SGND
SGND
AC (L)
AC (N)
+OUT
–OUT
GND
+
ISOLATION BOUNDRY
PRIMARY
SECONDARY
PRI_GND
FUSE
MOV
AC
V
IN
HOLDUP CAPACITOR
SEC_GND
48 VDC
AC Front End
SGND
C
OUT
[1]
LOAD
SEC_GND
Connect to PRM VC or external VC depending on t
RISE_VOUT
See FPA System Considerations Section.
Detail:
External VC
PRM VC
or
VTM VC
See Detail Legend
Typical Applications
[1] Non-Isolated Configuration: –Out connected to -IN
Typical Application: AC-48 VDC Front End + PRM48JH480x250A02 + VTM, non-isolated Remote Sense Configuration
Typical Application: AC-48 VDC Front End + PRM48JH480x250A02
PRM48JH480x250A02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com