Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC6702 Datasheet(PDF) 2 Page - Torex Semiconductor

No. de pieza XC6702
Descripción Electrónicos  36V input, 300mA low supply current, high speed voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6702 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6702 Datasheet HTML 1Page - Torex Semiconductor XC6702 Datasheet HTML 2Page - Torex Semiconductor XC6702 Datasheet HTML 3Page - Torex Semiconductor XC6702 Datasheet HTML 4Page - Torex Semiconductor XC6702 Datasheet HTML 5Page - Torex Semiconductor XC6702 Datasheet HTML 6Page - Torex Semiconductor XC6702 Datasheet HTML 7Page - Torex Semiconductor XC6702 Datasheet HTML 8Page - Torex Semiconductor XC6702 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2/31
XC6702 Series
VIN
CE
Error
Amp
+
-
CEB
each
circuit
ON/OFF
Control
VSS
VOUT
R1
R2
Current Limit
Thermal Shutdown
CE
Soft Start
Voltage
Reference
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Type
D
Current Limit, Thermal Shutdown,
Soft Start, ON/OFF Control
②③
Output Voltage(*2)
18~J0(*3)
For the voltage within 1.8V~9.5V:
e.g. 3.3V → ②=3, ③=3
5.0V → ②=5, ③=0
For the voltage within 10.0V~18.0V:
e.g. 10.0V → ②=A, ③=0
12.5V → ②=C, ③=5
18.0V → ②=J, ③=0
Output Voltage
Accuracy
1
± 1%
⑤⑥-⑦
Packages
(Order Unit)
ER-G
USP-6C (3,000pcs/Reel)
PR-G
SOT-89-5 (1,000pcs /Reel)
QR-G
SOP-8FD (1,000pcs/Reel) (Under Development)
■BLOCK DIAGRAM
1) XC6702 Series D type
*The above diodes are diodes for electrostatic protection and parasitic diodes.
■PRODUCT CLASSIFICATION
1) Ordering Information
XC6702①②③④⑤⑥-⑦(*1)
(*1)
“-G” indicates halogen and antimony free, as well as EU RoHS compliant.
(*2) Output voltage setting steps are as follows:
VOUT < 6.0V 0.1V-step settings
VOUT ≧ 6.0V 0.5V-step settings
For other voltages, please contact your local Torex sales office or representative.
(*3) For 10.0V to 18.0V, A to J excluding I are used in "②".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com