Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC6702 Datasheet(PDF) 10 Page - Torex Semiconductor

No. de pieza XC6702
Descripción Electrónicos  36V input, 300mA low supply current, high speed voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6702 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6702 Datasheet HTML 6Page - Torex Semiconductor XC6702 Datasheet HTML 7Page - Torex Semiconductor XC6702 Datasheet HTML 8Page - Torex Semiconductor XC6702 Datasheet HTML 9Page - Torex Semiconductor XC6702 Datasheet HTML 10Page - Torex Semiconductor XC6702 Datasheet HTML 11Page - Torex Semiconductor XC6702 Datasheet HTML 12Page - Torex Semiconductor XC6702 Datasheet HTML 13Page - Torex Semiconductor XC6702 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10/31
XC6702 Series
VIN
CE
Error
Amp
+
-
CEB
each
circuit
ON/OFF
Control
VSS
VOUT
R1
R2
Current Limit
Thermal Shutdown
CE
Soft Start
Voltage
Reference
The XC6702 series controls the output voltage by means of a scheme in which the error amplifier
compares the voltage divided by R1 and R2 connected to the VOUT pin with the voltage of the internal
reference power supply. The output signal from the error amplifier makes the driver transistor
connected to the VIN pin drive, and negative feedback is applied to stabilize the output voltage.
■OPERATIONAL EXPLANATION
XC6702 Series D Type
<Current limiting, short-circuit protection>
The XC6702 series incorporates a foldback circuit for current limiting(460mA TYP.) and short-circuit
protection(115mA TYP.).
When the output current reaches the current limit, the output voltage falls and the output current is
limited.
<Overheating protection>
The XC6702 series incorporates a thermal shutdown circuit for overheating protection.
When the junction temperature reaches the detection temperature(150℃ TYP.), the driver transistor
is forcibly turned off.
When the junction temperature falls to the release temperature(140℃ TYP.) while the driver
transistor remains in the off state, the driver transistor turns on (auto recovery) and regulation
restarts. Unless the cause of rising temperature is removed, the driver transistor repeats on and off,
and output waveform would be like consecutive pulses.
<CE pin>
The XC6702 series allows stopping of the IC internal circuit by a CE pin signal.
When the IC is in the stopped state by CE "L" level voltage input, the VOUT pin is pulled down by R1
and R2 to the VSS level.
As long as the voltage input into the CE pin is within the CE pin voltage specification, the logic is
established and there is no interference with operation.
If the CE pin is left open, operation is unspecified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com