Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE66CX642PC Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza SLE66CX642PC
Descripción Electrónicos  Security & Chip Card ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX642PC Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66CX642PC Datasheet HTML 1Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 2Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 3Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 4Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 5Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 6Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 7Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 8Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SLE 66CX642P
Short Product Information
3 / 11
11.02
16-Bit Security Controller with MMU in 0.22µm CMOS Technology
208-Kbytes ROM, 5052 bytes RAM, 64-Kbytes EEPROM
1100-Bit ACE and 112-Bit / 112-Bit / 192-Bit DDES-EC2 Accelerator
Features
• 16-bit microcomputer in 0.22 µm CMOS
technology
• Instruction set opcode compatible with
standard SAB 8051 processor
• Enhanced 16-bit arithmetic
• Additional powerful instructions optimized
for chip card applications
• Dedicated, non-standard architecture with
execution time 6 times faster (18 times
by PLLmax) than standard SAB 8051
processor at same external clock
• 206 Kbytes User ROM for application
programs
• Additional 2 Kbytes reserved ROM for
Resource Management System
(RMS+ Superslim) with intelligent
EEPROM write/erase routines
• 64 Kbytes Superslim-EEPROM
• 4 Kbytes XRAM, 256 (+ 700) Bytes IRAM
• Memory Management and Protection
Unit (MMU)
• Dual Key Triple DES (DDES) and EC2
GF (2
n) Accelerator
• Advanced Crypto Engine for up to 2048
bit RSA computation
• Certified RSA 2048 library available
(refer to product brief)
• CRC Module
• Interrupt Module
• Two 16-bit Autoreload Timer
• PLL up to 15 MHz
• Power saving sleep mode
• Ext. Clock freq. 1 to 7.5 MHz for int.
Clock
≤ 15 MHz @ 2.7V-5.5V
Ext. Clock freq. 1 to 5 MHz for int. Clock
≤ 11 MHz @ 1.62V-5.5V
• UART for handling serial interface in
accordance with ISO/IEC 7816 part 3
supporting transmission protocols T=1
and T=0
• I/O routines realized in software executable
• Supply voltage range: 1.62 V to 5.5 V
• Current consumption
< 10mA @ 5.5 V
< 6 mA @ 3.3 V
< 4 mA @ 1.98 V
• Temperature range: -25 to +85°C
• ESD protection larger than 6 kV
Superslim-EEPROM
• Reading and programming byte by byte
• Flexible page mode for 1 to 64 bytes
write/erase operation
• 32 bytes security area (OTP)
• Fast personalization mode 0.63 ms @15MHz
• Erase + Write time < 4.0 ms @15MHz
• Minimum of 500.000 write/erase cycles at
25°C
• Data retention for a minimum of 10 years
• EEPROM programming voltage generated on
chip
Memory Management and Protection Unit
• Addressable memory up to 1 Mbyte
• Separates OS (system) and application
(user)
• System routines called by traps
• OS can restrict access to peripherals in
application mode
• Code execution from XRAM possible
Security Features
Operation state monitoring mechanism
• Low and high voltage sensors
• Frequency sensors and filters
• Light Sensor
• Glitch Sensor
• Temperature Sensor
• Life Test Function for Sensors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com