Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE66CX642PC Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza SLE66CX642PC
Descripción Electrónicos  Security & Chip Card ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX642PC Datasheet(HTML) 5 Page - Infineon Technologies AG

  SLE66CX642PC Datasheet HTML 1Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 2Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 3Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 4Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 5Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 6Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 7Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 8Page - Infineon Technologies AG SLE66CX642PC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SLE 66CX642P
Short Product Information
5 / 11
11.02
Performance Advanced Crypto Engine
Calculation Time
Operation
Modulus
Exponent
5MHz
10 MHz
15 MHz
Modular Exponentiation
RSA Encrypt / RSA Signature Verify
1024 bit
2048 bit
17 bit
17 bit
20 ms
630 ms
11 ms
315 ms
7 ms
210 ms
Modular Exponentiation
RSA Decrypt / RSA Signature
Generate
1024 bit
1024 bit
820 ms
410 ms
273 ms
Modular Exponentiation using CRT
RSA Decrypt / RSA Signature
Generate
eq.1024 bit
eq.2048 bit
eq.1024 bit
eq.2048 bit
250 ms
1840 ms
125 ms
920 ms
83 ms
614 ms
DSA Signature Generate
512 bit
160 bit
97ms
49 ms
32 ms
DSA Signature Verify
512 bit
160 bit
117 ms
59 ms
39 ms
DSA Signature Generate
1024 bit
160 bit
438 ms
219 ms
146 ms
DSA Signature Verify
1024 bit
160 bit
711 ms
356 ms
237 ms
Performance DDES-EC2 Accelerator
Encryption Time for an
8-Byte Block incl. Data
Transfer
Operation
Data Block
Length
5 MHz 10 MHz 15 MHz
56-bit Single DES Encryption
64 bit
23 µs
11 µs
8 µs
112-bit Triple DES Encryption
64 bit
35 µs
17 µs
12 µs
Calculation Time
Operand
Length
5 MHz 10MHz 15 MHz
Elliptic Curves GF(2
n) EC-DSA Signature Generate
192 bit
285 ms 142 ms 95 ms
Elliptic Curves GF(2
n) EC-DSA Signature Verify
192 bit
540 ms 270 ms 180 ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com