| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STW70N60M2 Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW70N60M2 Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 13 page ![]() Test circuits STW70N60M2 8/13 DocID024327 Rev 4 3 Test circuits Figure 14. Switching times test circuit for resistive load Figure 15. Gate charge test circuit Figure 16. Test circuit for inductive load switching and diode recovery times Figure 17. Unclamped inductive load test circuit Figure 18. Unclamped inductive waveform Figure 19. Switching time waveform AM01468v1 VGS PW VD RG RL D.U.T. 2200 μF 3.3 μF VDD AM01469v1 VDD 47k Ω 1k Ω 47k Ω 2.7k Ω 1k Ω 12V Vi=20V=VGMAX 2200 μF PW IG=CONST 100 Ω 100nF D.U.T. VG AM01470v1 A D D.U.T. S B G 25 Ω A A B B RG G FAST DIODE D S L=100 μH μF 3.3 1000 μF VDD AM01471v1 Vi Pw VD ID D.U.T. L 2200 μF 3.3 μF VDD AM01473v1 VDS ton tdon tdoff toff tf tr 90% 10% 10% 0 0 90% 90% 10% VGS |