Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STW70N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STW70N60M2
Descripción Electrónicos  Excellent output capacitance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW70N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW70N60M2 Datasheet HTML 3Page - STMicroelectronics STW70N60M2 Datasheet HTML 4Page - STMicroelectronics STW70N60M2 Datasheet HTML 5Page - STMicroelectronics STW70N60M2 Datasheet HTML 6Page - STMicroelectronics STW70N60M2 Datasheet HTML 7Page - STMicroelectronics STW70N60M2 Datasheet HTML 8Page - STMicroelectronics STW70N60M2 Datasheet HTML 9Page - STMicroelectronics STW70N60M2 Datasheet HTML 10Page - STMicroelectronics STW70N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID024327 Rev 4
7/13
STW70N60M2
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Normalized VDS vs temperature
Figure 13. Source-drain diode forward
characteristics
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
10000
AM17971v1
Eoss
20
10
0
0
100
VDS(V)
(µJ)
400
200
300
30
500
AM17972v1
VGS(th)
0.9
0.8
0.7
0.6
-50
0
TJ(°C)
(norm)
1
50
100
ID=250µA
1.1
AM17973v1
RDS(on)
1.8
1
0.2
-50
0
TJ(°C)
(norm)
50
100
0.6
1.4
2.2
AM17974v1
ID=34A
VDS
-50
0
TJ(°C)
(norm)
50
100
0.89
0.93
0.97
1.01
1.05
1.09
ID=1mA
AM15975v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0.5
0.6
0.7
0.8
TJ=-50°C
TJ=150°C
TJ=25°C
0.9
1
60
AM17976v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13