| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F479NG Datasheet(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479NG Datasheet(HTML) 76 Page - STMicroelectronics |
|
76 / 208 page ![]() Port G PG0 - - - - - - - - - - - - FMC_A10 - - EVENT OUT PG1 - - - - - - - - - - - - FMC_A11 -- EVENT OUT PG2 - - - - - - - - - - - - FMC_A12 -- EVENT OUT PG3 - - - - - - - - - - - - FMC_A13 -- EVENT OUT PG4 - - - - - - - - - - - - FMC_A14/F MC_BA0 -- EVENT OUT PG5 - - - - - - - - - - - - FMC_A15/F MC_BA1 -- EVENT OUT PG6 - - - - - - - - - - - - DCMI_D12 LCD_R7 EVENT OUT PG7 - - - - - SAI1_MCL K_A USART6 _CK - - - FMC_INT DCMI_D13 LCD_CLK EVENT OUT PG8 - - - - - SPI6_NSS - - USART6 _RTS -- ETH_PPS_OU T FMC_SDCL K LCD_G7 EVENT OUT PG9 - - - - - - - - USART6 _RX QUADSPI_ BK2_IO2 -- FMC_NE2/ FMC_NCE DCMI_VS YNC EVENT OUT PG1 0 - - - - - - - - LCD_G3 - - FMC_NE3 DCMI_D2 LCD_B2 EVENT OUT PG11 - - - - - - - - - - - ETH_MII_TX_ EN/ETH_RMII _TX_EN - DCMI_D3 LCD_B3 EVENT OUT PG1 2 - - - - - SPI6_MISO - - USART6 _RTS LCD_B4 - - FMC_NE4 - LCD_B1 EVENT OUT PG1 3 TRACED 0 -- - - SPI6_SCK - - USART6 _CTS -- ETH_MII_TXD 0/ETH_RMII_T XD0 FMC_A24 - LCD_R0 EVENT OUT PG1 4 TRACED 1 - - - - SPI6_MOSI - - USART6 _TX QUADSPI_ BK2_IO3 - - FMC_A25 - LCD_B0 EVENT OUT PG1 5 -- - - - - - - USART6 _CTS -- - - DCMI_D13 - EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/UA RT4/5 /7/8 CAN1/2/ TIM12/1 3/14/QU ADSPI/L CD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/SD IO/OTG2 _FS DCMI/ DSI HOST LCD SYS |