| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F479NG Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479NG Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 208 page ![]() Pinouts and pin description STM32F479xx 64/208 DocID028010 Rev 2 D7 E7 B11 150 172 B11 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, FMC_NWAIT, DCMI_D10, LCD_B2, EVENTOUT - A8 A5 A11 151 173 A11 PD7 I/O FT - USART2_CK, FMC_NE1, EVENTOUT - - - - - 174 B10 PJ12 I/O FT - LCD_G3, LCD_B0, EVENTOUT - - - - - 175 B9 PJ13 I/O FT - LCD_G4, LCD_B1, EVENTOUT - - - - - 176 C9 PJ14 I/O FT - LCD_B2, EVENTOUT - - - - - 177 D10 PJ15 I/O FT - LCD_B3, EVENTOUT - E6 D7 C10 152 178 D9 PG9 I/O FT - USART6_RX, QUADSPI_BK2_IO2, FMC_NE2/FMC_NCE, DCMI_VSYNC, EVENTOUT - E7 C7 B10 153 179 C8 PG10 I/O FT - LCD_G3, FMC_NE3, DCMI_D2, LCD_B2, EVENTOUT - B6 B6 B9 154 180 B8 PG11 I/O FT - ETH_MII_TX_EN/ETH_R MII_TX_EN, DCMI_D3, LCD_B3, EVENTOUT - A7 A6 B8 155 181 C7 PG12 I/O FT - SPI6_MISO, USART6_RTS, LCD_B4, FMC_NE4, LCD_B1, EVENTOUT - A6 E8 A8 156 182 B3 PG13 I/O FT - TRACED0, SPI6_SCK, USART6_CTS, ETH_MII_TXD0/ETH_RMI I_TXD0, FMC_A24, LCD_R0, EVENTOUT - - - A7 157 183 A4 PG14 I/O FT - TRACED1, SPI6_MOSI, USART6_TX, QUADSPI_BK2_IO3, ETH_MII_TXD1/ETH_RMI I_TXD1, FMC_A25, LCD_B0, EVENTOUT - - B7 D7 158 184 F7 VSS S - - - - - A7 C7 159 185 E8 VDD S - - - - Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |