| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F303VD Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 184 page ![]() DocID026415 Rev 4 49/184 STM32F303xD STM32F303xE Pinouts and pin description 67 45 71 A12 D1 104 PA12 I/O FT - TIM16_CH1, I2SCKIN, TIM1_CH2N, USART1_RTS, COMP2_OUT, CAN_TX, TIM4_CH2, TIM1_ETR, EVENTOUT USB_DP 46 72 A11 E3 105 PA13 I/O FT - SWDIO-JTMS, TIM16_CH1N, TSC_G4_IO3, IR-OUT, USART3_CTS, TIM4_CH3, EVENTOUT - - - - - 106 PH2 I/O FT (1) EVENTOUT - 47 74 F11 A1, A2, B1 107 VSS S - - - - 48 75 G11 D2 108 VDD S - - - - 49 76 A10 C2 109 PA14 I/O FTf - SWCLK-JTCK, TSC_G4_IO4, I2C1_SDA, TIM8_CH2, TIM1_BKIN, USART2_TX, EVENTOUT - 50 77 A9 B2 110 PA15 I/O FTf - JTDI, TIM2_CH1/TIM2_ETR, TIM8_CH1, TSC_SYNC, I2C1_SCL, SPI1_NSS, SPI3_NSS/I2S3_WS, USART2_RX, TIM1_BKIN, EVENTOUT - 51 78 B11 E4 111 PC10 I/O FT - EVENTOUT, TIM8_CH1N, UART4_TX, SPI3_SCK/I2S3_CK, USART3_TX - 52 79 C10 D3 112 PC11 I/O FT - EVENTOUT, TIM8_CH2N, UART4_RX, SPI3_MISO/I2S3ext_SD, USART3_RX - Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |