| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F303VD Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 184 page ![]() DocID026415 Rev 4 43/184 STM32F303xD STM32F303xE Pinouts and pin description 67 11 18 K2 H10 29 PC3 I/O TTa - EVENTOUT, TIM1_CH4, TIM1_BKIN2 ADC12_IN9 12 20 K1 H8 30 VSSA S - (1) -- - - - - 31 VREF- S - (1) -- -21 M1 J8 32 VREF+(3) S- - - - 13 22 L1 J10 33 VDDA S - - - - 14 23 L2 H9 34 PA0 I/O TTa - TIM2_CH1/TIM2_ETR, TSC_G1_IO1, USART2_CTS, COMP1_OUT, TIM8_BKIN, TIM8_ETR, EVENTOUT ADC1_IN1, COMP1_INM, RTC_TAMP2, WKUP1 15 24 M2 J9 35 PA1 I/O TTa - RTC_REFIN, TIM2_CH2, TSC_G1_IO2, USART2_RTS, TIM15_CH1N, EVENTOUT ADC1_IN2, COMP1_INP, OPAMP1_VINP, OPAMP3_VINP 16 25 K3 F7 36 PA2 I/O TTa (4) TIM2_CH3, TSC_G1_IO3, USART2_TX, COMP2_OUT, TIM15_CH1, EVENTOUT ADC1_IN3, COMP2_INM, OPAMP1_VOUT 17 26 L3 G7 37 PA3 I/O TTa - TIM2_CH4, TSC_G1_IO4, USART2_RX, TIM15_CH2, EVENTOUT ADC1_IN4, OPAMP1_VINM OPAMP,1_VINP 18 27 D3 K9, K10 38 VSS S - - - - 19 28 H3 K8 39 VDD S - (1) -- 20 29 M3 J7 40 PA4 I/O TTa (4) TIM3_CH2, TSC_G2_IO1, SPI1_NSS, SPI3_NSS/I2S3_WS, USART2_CK, EVENTOUT ADC2_IN1, DAC1_OUT1, COMP1_INM, COMP2_INM, COMP3_INM, COMP4_INM, COMP5_INM, COMP6_INM, COMP7_INM, OPAMP4_VINP Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |