Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS550P Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza BTS550P
Descripción Electrónicos  Smart Highside High Current Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS550P Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS550P Datasheet HTML 3Page - Infineon Technologies AG BTS550P Datasheet HTML 4Page - Infineon Technologies AG BTS550P Datasheet HTML 5Page - Infineon Technologies AG BTS550P Datasheet HTML 6Page - Infineon Technologies AG BTS550P Datasheet HTML 7Page - Infineon Technologies AG BTS550P Datasheet HTML 8Page - Infineon Technologies AG BTS550P Datasheet HTML 9Page - Infineon Technologies AG BTS550P Datasheet HTML 10Page - Infineon Technologies AG BTS550P Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet BTS550P
Infineon Technologies AG
7
2003-Oct-01
Truth Table
Input
current
Output
Current
Sense
Remark
level
level
IIS
Normal
operation
L
H
L
H
0
nominal
=IL / kilis, up to IIS=IIS,lim
Very high
load current
H
H
IIS, lim
up to VON=VON(Fold back)
IIS no longer proportional to IL
Current-
limitation
H
H
0
VON > VON(Fold back)
if VON>VON(SC), shutdown will occure
Short circuit to
GND
L
H
L
L
0
0
Over-
temperature
L
H
L
L
0
0
Short circuit to
Vbb
L
H
H
H
0
<nominal 22)
Open load
L
H
Z23)
H
0
0
Negative output
voltage clamp
L
L
0
Inverse load
current
L
H
H
H
0
0
L = "Low" Level
H = "High" Level
Options Overview
Type
BTS
6510P
550P
650P
555
Overtemperature protection with hysteresis
X
X
X
Tj >150 °C, latch function24)
Tj >150 °C, with auto-restart on cooling
X
X
X
Short circuit to GND protection
with overtemperature shutdown
switches off when VON>6 V typ.
(when first turned on after approx. 180
µs)
X
X
X
Overvoltage shutdown
-
-
-
Output negative voltage transient limit
to Vbb - VON(CL)
X
X
X
to VOUT = -19 V typ
X25)
X25)
X25)
Overtemperature reset by cooling: Tj < Tjt (see diagram on page 14)
Short circuit to GND: Shutdown remains latched until next reset via input (see diagram on page 13)
22
) Low ohmic short to V
bb may reduce the output current IL and can thus be detected via the sense current IIS.
23
) Power Transistor "OFF", potential defined by external impedance.
24
) Latch except when V
bb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT
0 V only if forced externally). So the device remains latched unless Vbb < VON(SC) (see page 5). No latch
between turn on and td(SC).
25
) Can be "switched off" by using a diode D
S (see page 8) or leaving open the current sense output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com