Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS550P Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza BTS550P
Descripción Electrónicos  Smart Highside High Current Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS550P Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS550P Datasheet HTML 2Page - Infineon Technologies AG BTS550P Datasheet HTML 3Page - Infineon Technologies AG BTS550P Datasheet HTML 4Page - Infineon Technologies AG BTS550P Datasheet HTML 5Page - Infineon Technologies AG BTS550P Datasheet HTML 6Page - Infineon Technologies AG BTS550P Datasheet HTML 7Page - Infineon Technologies AG BTS550P Datasheet HTML 8Page - Infineon Technologies AG BTS550P Datasheet HTML 9Page - Infineon Technologies AG BTS550P Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet BTS550P
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Infineon Technologies AG
6
2003-Oct-01
Diagnostic Characteristics
Current sense ratio,
IL = 120 A,Tj =-40°C:
static on-condition,
Tj =25°C:
kILIS = IL : IIS,
Tj =150°C:
VON < 1.5 V19),
IL = 20 A,Tj =-40°C:
VIS <VOUT - 5 v,
Tj =25°C:
VbIN > 4.0 V
Tj =150°C:
see diagram on page 11
IL = 12 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
IL = 6 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
kILIS
19 000
19 000
18 000
18 500
18 500
18 000
16 000
17 000
17 500
12 000
14 000
16 000
20 600
20 500
19 000
22 300
21 400
19 500
23 500
22 000
19 900
28 000
24 000
20 500
23 000
22 500
21 500
26 000
25 000
23 000
30 000
26 500
24 500
46 000
34 000
30 000
I
IS=0 by IIN =0 (e.g. during deenergizing of inductive loads):
Sense current saturation
IIS,lim
6.5
--
--
mA
Current sense leakage current
IIN = 0:
VIN = 0, IL
≤ 0:
IIS(LL)
IIS(LH)
--
--
--
2
0.5
--
µA
Current sense settling time20)
ts(IS)
--
--
500
µs
Overvoltage protection
Tj =-40°C:
Ibb = 15 mA
Tj = 25...+150°C:
VbIS(Z)
60
62
--
64
--
--
V
Input
Input and operating current (see diagram page 12)
IN grounded (VIN = 0)
IIN(on)
--
0.8
1.5
mA
Input current for turn-off21)
IIN(off)
--
--
80
µA
19) If VON is higher, the sense current is no longer proportional to the load current due to sense current
saturation, see
IIS,lim .
20
) not subject to production test, specified by design
21
) We recommend the resistance between IN and GND to be less than 0.5 k
for turn-on and more than
500
k
for turn-off. Consider that when the device is switched off (IIN =0) the voltage between IN and GND
reaches almost Vbb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com