Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L8708H Datasheet(PDF) 62 Page - Zilog, Inc.

No. de pieza L8708H
Descripción Electrónicos  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 58Page - Zilog, Inc. L8708H Datasheet HTML 59Page - Zilog, Inc. L8708H Datasheet HTML 60Page - Zilog, Inc. L8708H Datasheet HTML 61Page - Zilog, Inc. L8708H Datasheet HTML 62Page - Zilog, Inc. L8708H Datasheet HTML 63Page - Zilog, Inc. L8708H Datasheet HTML 64Page - Zilog, Inc. L8708H Datasheet HTML 65Page - Zilog, Inc. L8708H Datasheet HTML 66Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
62
P R E L I M I N A R Y
DS96LV00800
Figure 57. Interrupt Request Register
((0) FAH: Read/Write)
Figure 58. Interrupt Mask Register
((0) FBH: Read/Write)
Figure 59. Flag Register
((0) FCH: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
R250 IRQ
Inter Edge
P31
↓ P32 ↓ = 00
P31
↓ P32 ↑ = 01
P31
↑ P32 ↓ = 10
P31
↑↓ P32 ↑↓ = 11
IRQ0 = P32 Input
IRQ1 = P33 Input
IRQ2 = P31 Input
IRQ3 = T16
IRQ4 = T8
D7 D6
D5
D4
D3
D2
D1
D0
Reserved (Must be 0)
1 Enables IRQ4-IRQ0
(D0 = IRQ0)
0 Master Interrupt Disable*
1 Master Interrupt Enable
R251 IMR
* Default Setting After Reset
Reserved (Must be 0)
D7 D6 D5 D4 D3 D2 D1 D0
User Flag F1
User Flag F2
Half Carry Flag
Decimal Adjust Flag
Overflow Tag
Sign Flag
Zero Flag
Carry Flag
R252 Flags
Figure 60. Register Pointer
((0) FDH: Read/Write)
Figure 61. Stack Pointer High
((0) FEH: Read/Write)
Figure 62. Stack Pointer Low
((0) FFH: Read/Write)
D7 D6 D5 D4 D3 D2 D1 D0
Expanded Register Bank
Pointer
Working Register
Pointer
R253 RP
Default Setting After
Reset = 0000 0000
D7 D6 D5 D4 D3 D2 D1 D0
Stack Pointer Upper
Byte (SP15-SP8)
R254 SPH
D7 D6 D5 D4 D3 D2 D1 D0
Stack Pointer Lower
Byte (SP7-SP0)
R255 SPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66