Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L8708H Datasheet(PDF) 19 Page - Zilog, Inc.

No. de pieza L8708H
Descripción Electrónicos  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 15Page - Zilog, Inc. L8708H Datasheet HTML 16Page - Zilog, Inc. L8708H Datasheet HTML 17Page - Zilog, Inc. L8708H Datasheet HTML 18Page - Zilog, Inc. L8708H Datasheet HTML 19Page - Zilog, Inc. L8708H Datasheet HTML 20Page - Zilog, Inc. L8708H Datasheet HTML 21Page - Zilog, Inc. L8708H Datasheet HTML 22Page - Zilog, Inc. L8708H Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
19
1
Figure 13. Port 0 Configuration
Z86LXX
MCU
4
4
Port 0 (I/O or A15 - A8)
Optional
Handshake Controls
/DAV0 and RDY0
(P32 and P35)
OEN
Out
In
PAD
200 k
Ω
* Mask Selectable
Refer to the Z86C17 specification for
application information in utilizing these
inputs in a mouse or trackball application.
Mask
Option
In
0.4 VDD
Trip Point Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66