Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS3201 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

No. de pieza LS3201
Descripción Electrónicos  84 dot LCD micro-controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOWIN [BOWIN ELECTRONIC CO.]
Página de inicio  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3201 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  LS3201 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LSI
LS3201
4
4. Buzzer Control/Tone Generator Control
The system can output 4khz/2khz alarm signal by mask option. The alarm signal is enabled to the
output BD[0:1] when the Beep Control Register: Bit[0] is high.
Tone Control Registers (70H – 72H) is used to control the Tone Generator to generate music tone
signal at the buzzer output pad B0, B1.
5. LCD driver
The system has 28 LCD segment pad with 2/3/4 common pads (mask option) providing 28x2, 28x3
LCD segment output.
The LCD segment table is shown below :
COM 1
COM2
COM3
SEG[1:4]
1CH:D[0:3]
18H:D[0:3]
14H:D[0:3]
SEG[5:8]
1DH:D[0:3]
19H:D[0:3]
15H:D[0:3]
SEG[9:12]
1EH:D[0:3]
1AH:D[0:3]
16H:D[0:3]
SEG[13:16]
1FH:D[0:3]
1BH:D[0:3]
17H:D[0:3]
SEG[17:20]
5CH:D[0:3]
58H:D[0:3]
54H:D[0:3]
SEG[21:24]
5DH:D[0:3]
59H:D[0:3]
55H:D[0:3]
SEG[25:28]
5EH:D[0:3]
5AH:D[0:3]
56H:D[0:3]



Html Pages

1 2 3 4 5 6 7 8