| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LS3201 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS3201 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO. |
|
1 / 8 page ![]() LSI LS3201 84 dot LCD micro-controller Features : * 8 Input, 4 I/O pad * Direct drive buzzer output. * 2048x12 bit ROM * 80x4 bit of RAM. * 28x2, x3 LCD segment * 8 bit event counter/Tone Generator. * 1/2 bias, 1/3 duty LCD format * 32768 Crystal/RC oscillator bonding option * Single 3.0V operation. General Description The LSI3201 is a micro-controller for LCD timer, sport meter application. It has an internal ROM size of 2Kx12bit. A 80x4 bit of RAM. 32x2, x3 LCD segment. A 8 bit event counter to record external event. It is suitable for timer, calendar sport meter function. |
Número de pieza similar - LS3201 |
|
Descripción similar - LS3201 |